|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
5KP SERIES VBR : 5.0 - 180 Volts PPK : 5000 Watts FEATURES : 5000W Peak Pulse Power Excellent clamping capability Low incremental surge resistance Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Typical IR less then 1 A above 10V * * * * TRANSIENT VOLTAGE SUPPRESSOR AR - L 0.053 (1.35) 0.050 (1.27) 0.250 (6.4) 0.235 (6.0) MECHANICAL DATA * Case : Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Cathode polarity band * Mounting position : Any * Weight : 2.73 grams 0.410 (10.4) 0.380 (9.70) 1.00 (25.4) MIN. Dimensions in inches and ( millimeter ) DEVICES FOR BIPOLAR APPLICATIONS For Bi-directional use C or CA Suffix Electrical characteristics apply in both directions MAXIMUM RATINGS Rating at 25 C ambient temperature unless otherwise specified. Rating Peak Pulse Power Dissipation at tp = 1ms (Note 1, Fig. 4) Steady State Power Dissipation at TL = 75 C Lead Lengths 0.375", (9.5mm) (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) (Note 3) Operating and Storage Temperature Range Symbol PPK Value Minimum 5000 Unit Watts PD 8.0 Watts I FSM 400 Amps. T J, T STG - 55 to + 150 C Note : (1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 C per Fig. 1 2 2 (2) Mounted on Copper Leaf area of 0.79 in (20mm ). (3) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum. UPDATE : SEPTEMBER 6, 2001 ELECTRICAL CHARACTERISTICS Rating at = 25 C ambient temperature unless otherwise specified Breakdown Voltage @ IT ( Note 1 ) Reverse Stand off Voltage V RWM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 Maximum Maximum Maximum Reverse Leakage Peak Pulse Clamping @ V RM Current (Note2) Voltage @ IPPM IR IPPM VC ( A ) (A) (V) 5000 5000 5000 5000 2000 2000 1000 1000 250 250 150 150 50 50 20 20 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 520 543 439 485 407 447 378 417 350 388 333 367 314 347 295 325 266 294 249 274 227 251 210 232 194 215 188 206 176 192 164 181 155 172 139 154 127 141 116 128 107 119 99 110 93 103 85 94 9.60 9.20 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 Maximum Voltage Temperature Variation of V BR (mV/ C) 4.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 6.0 6.0 6.0 6.0 7.0 7.0 8.0 8.0 9.0 9.0 10 10 11 11 12 12 13 13 15 15 18 16 19 18 20 19 24 22 27 24 30 27 33 29 34 30 38 35 41 38 TYPE V BR ( V ) Min. 5KP5.0 5KP5.0A 5KP6.0 5KP6.0A 5KP6.5 5KP6.5A 5KP7.0 5KP7.0A 5KP7.5 5KP7.5A 5KP8.0 5KP8.0A 5KP8.5 5KP8.5A 5KP9.0 5KP9.0A 5KP10 5KP10A 5KP11 5KP11A 5KP12 5KP12A 5KP13 5KP13A 5KP14 5KP14A 5KP15 5KP15A 5KP16 5KP16A 5KP17 5KP17A 5KP18 5KP18A 5KP20 5KP20A 5KP22 5KP22A 5KP24 5KP24A 5KP26 5KP26A 5KP28 5KP28A 5KP30 5KP30A 5KP33 5KP33A 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 Max. 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 IT (mA) 50 50 50 50 50 50 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 ELECTRICAL CHARACTERISTICS Rating at = 25 C ambient temperature unless otherwise specified Breakdown Voltage @ IT Reverse ( Note 1 ) Stand off Voltage TYPE V BR ( V ) IT V RWM Min. Max. (mA) (V) 5KP36 5KP36A 5KP40 5KP40A 5KP43 5KP43A 5KP45 5KP45A 5KP48 5KP48A 5KP51 5KP51A 5KP54 5KP54A 5KP58 5KP58A 5KP60 5KP60A 5KP64 5KP64A 5KP70 5KP70A 5KP75 5KP75A 5KP78 5KP78A 5KP85 5KP85A 5KP90 5KP90A 5KP100 5KP110 5KP120 5KP150 5KP180 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.6 77.6 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 122 133 166 200 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 96.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 149 163 204 244 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 100 100 110 120 150 180 Maximum Maximum Maximum Reverse Leakage Peak Pulse Clamping @ V RM Current (Note2) Voltage @ IPPM IR IPPM VC ( A ) (A) (V) 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 78 86 70 78 65 72 62 69 58 65 55 61 52 57 49 53 47 52 44 49 40 44 37 41 36 40 33 36 31 34 28 26 23 19 15 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 94 107 97 114 103 125 113 134 121 139 126 151 137 160 146 179 196 215 268 320 Maximum Voltage Temperature Variation of V BR (mV/ C) 45 40 50 45 54 49 57 51 62 55 65 60 70 64 77 69 79 70 85 75 93 84 100 90 104 94 113 102 120 109 134 147 158 200 240 Note: ( 1 ) VBR measured after IT applied for 300 s., IT = square wave pulse or equivalent. ( 2 ) Surge Current waveform per Fig. 3 and Derate per Fig. 2 ( 3 ) VF = 3.5 Volts max. for devices of V R < 100 V, and V F = 5 Volts max. for devices of VR > 100 V. ( 4 ) For Bi-directional devices having V R of 10 Volts and under the IR limit is doubled. RATING AND CHARACTERISTIC CURVES ( 5KP SERIES ) FIG.1 - PULSE DERATING CURVE FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 600 PEAK PULSE POWER OR CURRENT DERATING IN PERCENTAGE, % 120 PEAK FORWARD SURGE CURRENT, AMPERES 100 500 8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 80 400 60 300 40 20 0 0 25 50 75 100 125 150 175 200 100 0 1 2 4 6 10 20 40 60 100 Ta, AMBIENT TEMPERATURE, ( C) NUMBER OF CYCLES AT 60Hz FIG.3 - STEADY STATE POWER DERATING PD, STEADY STATE POWER DISSIPATION (WATTS) FIG.4 - PEAK PULSE POWER RATING CURVE 8 100 6 PPK , PEAK POWER (kW) 10 4 1.0 2 0.1 0.1s 0 0 25 50 75 100 125 150 175 200 1.0 s 10 s 100 s 1.0ms 10ms tp, PULSE WIDTH TL, LEAD TEMPERATURE (C) FIG.5 - PULSE WAVEFORM tr = 10s Ta=25 C Pulse Width (td) is defined as that point where the peak current decays to 50% of IPPM Half Value - IPPM 2 10x1000 s Waveform as defined by R.E.A. PEAK PULSE CURRENT 100 Peak Value IPPM IPPM , % 50 tp 0 0 1.0 2.0 3.0 4.0 T, TIME(ms) This datasheet has been download from: www..com Datasheets for electronics components. |
Price & Availability of 5KP50 |